Part Number Hot Search : 
XXXZZ UF101 SST32 EL5203IY 28F80 SUP70N 22000 4ALVCH
Product Description
Full Text Search
 

To Download V23993-A1035D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  with superb sensitivity and fast time to first fix, the a1035-d is the high performance gps antenna solution for many applications. featuring the sirfstar iii low power chip optimally merged with a patch antenna, one can integrate this module in the easiest way without in-depth rf know-how. with its own ground plane it optimizes sensitivity and independency of the surrounding electronics. via a board-to-board connector, power is supplied and information is transmitted on an uart cmos level interface. with the outstanding performance of the sirfstar iii chipset, obtaining your position is now easier than ever. no compromises - just the best gps performance a1035-d positioning products      bench marking sensitivity fastest ttff (time to first fix) ultra-low power consumption most accurate position field replaceable -159 dbm tracking < 35 s under cold start condition (typical) 92 mw average in tracking mode 2 m cep with sbas support standard power 1/0 connector
1) the receiver has estimates of time/date/position and valid almanac and ephemeris data. 2) the receiver has estimates of time/date/position and almanac. 3) the receiver has no estimate of time/date/position, and no recent almanac. copyright ?2008 vincotech-019-1108.05-e printed in hungary gps a1035-d performance channels correlators frequency sensitivity tracking acquisition (cold start) position accuracy (horizontal) time to first fix hot start 1) warm start 2) cold start 3) communication standard gps software nmea message switchable baud rate serial ports tx0 rx0 environment temperature operating storage humidity power input voltage current draw acquisition tracking standby connector data & power mechanical dimensions weight -30c to +85c -40c to +85c non-condensing 3.0 to 3.6 vdc 33 ma (typical) 28 ma (typical) 20 a (typical) standard 1.27 mm (0.05) double row, low profile socket with 22 pins 35.6 x 35.6 x 8.0 mm3 1.4 x 1.4 x 0.315 12 g / 0.42 oz. 20 parallel tracking 200,000 plus l1 - 1,575 mhz -159 dbm -142 dbm < 2.5 m cep autonomous < 2.0 m cep sbas < 1 s < 35 s < 37 s gga, gsa, gsv, vtg, rmc, gll 4,800 (default) to 115,200 3.3 v cmos compatible nmea output nmea input your partner positioning receiver portfolio with the mission to support our customers in implementing gps functionality into their systems, vincotech is offering a large product portfolio to cover almost all integration possibilities in an easy way. a dedicated r&d team located in the munich region, germany, develops sensitive positioning solutions based on state of the art technologies. all gps products are manufactured in our iso9001 and ts16949 certified factory in the eu. our modules comply to the rohs standard and are 100% electrically and functionally tested prior to packaging. this way we constantly guarantee high quality products. vincotech gmbh biberger stra?e 93 82008 unterhaching/germany phone +49 (0)89 8780 67-0 fax +49 (0)89 8780 67-300 www.vincotech.com/gps technical details a1035-d the information provided herein is believed to be reliable at press time. vincotech assumes no responsibility for inaccuracies or omission. vincotech assumes no responsibility for the use of this information, and all such information shall be entirely at the users own risk. prices and specifications are subject to change without notice. vincotech does not authorize or warrant any of its products for use in lifesupport devices and/or systems. a1080-a a1082-a a1084-a a1088-a a1035-e a1035-d a1035-h products shown in actual size gps receivers smart antenna modules antenna type circular polarisation linear polarisation plug-in module smd solderable external antenna pin shielding lid size / mm 2 based on gps receiver a1035-d a1035-e a1035-h a1085-a** a1086-a** a1086-b** **product planned a1080-a a1082-a a1084-a a1080-a a1084-a a1084-a 35x35 21x21 30x17 31x17 25x15 25x15 patch patch patch chip meander meander                  t.b.d. t.b.d. smart antenna modules supply voltage / v current draw @1fix per sec / ma operating temperature / c low power mode trickle power low power mode push-to-fix low power mode keep ephemeris alive agps ephemeris push active antenna passive antenna 2nd antenna input antenna switch internal antenna supply firmware update (flash) rom sbas support back-up battery option shielding lid aec-q compliant components size / mm 2 a1080-a a1080-b a1082-a a1084-a a1084-b a1088-a *sram backup possible with enable pin 19x16 19x16 14x12 15x15 15x15 28x19 3.3 3.3 1.8 3.3 3.3 3.3 23 23 35 26 26 30 -30/85 -40/85 -30/85 -30/85 -30/85 -40/85                                         *          gps receivers


▲Up To Search▲   

 
Price & Availability of V23993-A1035D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X